PART |
Description |
Maker |
FSTUD32450G FSTUD32450 FSTUD32450GX FSTUD32450GXNL |
Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting CBT/FST/QS/5C/B SERIES, QUAD 10-BIT DRIVER, TRUE OUTPUT, PBGA114
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
SSTUA32866EC SSTUA32866EC-G SSTUA32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
SSTUB32866EC_G SSTUB32866EC_S SSTUB32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
SSTUA32866EC-G |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
NXP Semiconductors
|
FSTUD162450 FSTUD162450MTD FSTUD162450GX |
Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25 Ohm Series Resistors ... Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25з Series Resistors in Outputs Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25 Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
MC14531BCL MC14531BCP MC14531BD MC14531B ON0912 |
12-Bit Parity Tree 4000/14000/40000 SERIES, 12-BIT PARITY GENERATOR/CHECKER, CONFIGURABLE OUTPUT, PDIP16 ORDERING INFORMATION From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
WM0834 WM0838 WM0834CN WM0834LCN WM0838CDW WM0834C |
ARRAY NPN TRANS/ZENER DIO SOT363 8-BIT QUAD INPUT ADC WITH SERIAL INTERFACE 8-BIT OCTAL INPUT ADC WITH SERIAL INTERFACE From old datasheet system 8-Bit ADCs with Serial Interface and Configurable Input Multiplexer TVS UNIDIRECT 1500W 30V SMC
|
WOLFSON[Wolfson Microelectronics plc]
|
1.5KE36CA 1.5KE350A 1.5KE27A 1.5KE100 1.5KE440 1.5 |
Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-US8 -40 to 85 Unidirectional and bidirectional Transient Voltage Suppressor Diodes 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 16-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 48-TVSOP -40 to 85 TRANSZORB Transient Voltage Suppressors Discrete POWER & Signal Technologies
|
Diotec Semiconductor AG Diotec Elektronische Vaishali Semiconductor Fairchild Semiconductor
|
ICSSSTUAF32868B |
28-BIT CONFIGURABLE REGISTERED BUFFER
|
IDT
|
ICSSSTUAF32868B ICSSSTUAF32868BHLF |
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
|
Integrated Device Technology
|
ICSSSTUAF32869A ICSSSTUAF32869AHLF |
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
|
Integrated Device Technology
|